PART |
Description |
Maker |
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
FFHV FFHV-25B FFHV-10Z FFHV-12Z FFHV-16Z FFHV-30B |
Very High Attenuation Chasis Panel Mounting Single Phase (6-30A) filter For Single Phase Frecuency Inverters
|
PREMO CORPORATION S.L
|
VHFD29-16IO1 VHFD29 VHFD29-08IO1 VHFD29-12IO1 VHFD |
Half Controlled Single Phase Rectifier Bridge 25 A, 1200 V, SCR From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
GOA74011 GOA76011 GOA70518 |
400 V single phase AC-switch 690 V single phase AC-switch 50 V single phase AC-switch
|
Green Power
|
CM30MD3-12H |
CI Module Single Phase Converter Three Phase Inverter 30 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
130136-0034 |
Super-Safeway Multi-Tap 3-Phase to Single Phase, (3) Outlet Box with Buss Bars
|
Molex Electronics Ltd.
|
GBPC3512W GBPC2512A GBPC2512W GBPC3512 GBPC3512A G |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER SINGLE PHASE BRIDGE
|
General Semiconductor IRF[International Rectifier]
|
PSB71F-06 PSB71F04 PSB71F06 |
Single Phase Rectifier Bridge Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
|
Powersem GmbH
|
GL39931 BB40931 BA36931 BA36933 BD40931 BF37931E B |
SCREWDRIVER SET, DUOSUPSLIM 5 PCSCREWDRIVER SET, DUOSUPSLIM 5 PC; Handle type:SHATTERPROOF POLYPROPYLENE; Kit contents:2.5, 3, 4mm Slot, Philips N0 0, Philips N0 00 RIVETER PLIERSRIVETER PLIERS; Rivet Diameter: 单相模压桥梁0,8放大,5放大 SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP 单相模压桥梁0,8放大,5放大 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ER 14C 14#16 SKT PLUG Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 63V; Case Size: 16x40 mm; Packaging: Bulk SINGLE PHASE MOULDED BRIDGES 0.8 AMP TO 1.5 AMP Single Phase Moulded Bridges 0.8 Amp ro 1.5 Amp SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
|
Electronic Theatre Controls, Inc. Facon ETC[ETC] Rohm Sharp Electrionic Components List of Unclassifed Manufacturers List of Unclassifed Man...
|
DP8110 |
8V to 14V Input, 0.7V to 5.5V Output
|
Power-One
|